PART |
Description |
Maker |
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
ISL71091SEH40 |
10V Radiation Hardened Ultra Low Noise
|
Intersil Corporation
|
HS-6617RH-T 5962R9570801TXC |
Radiation Hardened 2K x 8 CMOS PROM(???灏?MOS 16K???绋?OM) Radiation Hardened 2K x 8 CMOS PROM 2K X 8 OTPROM, 100 ns, CDFP24 Radiation Hardened 2K x 8 CMOS PROM(抗辐射CMOS 16K可编程ROM)
|
Intersil, Corp. Intersil Corporation
|
HCS154HMSR FN3077 HCS151MS HCS151D HCS151DMSR HCS1 |
Multiplexer, Digital, 8-Input, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened 4-to-16 Line Decoder/Demultiplexer From old datasheet system Radiation Hardened 8-Input Multiplexer
|
INTERSIL[Intersil Corporation]
|
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962F0152101QXC 5962F0152101VXC ISL74422ARHQF ISL7 |
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers BUF OR INV BASED MOSFET DRIVER, CDFP16 Radiation Hardened 9A. Non-Inverting Power MOSFET Drivers 辐射加固9A条。非反向功率MOSFET驱动 Power MOSFET Drivers, Rad-Hard, 9A, Non-Inverting Radiation Hardened 9A/ Non-Inverting Power MOSFET Drivers
|
Intersil, Corp. Intersil Corporation
|
ACS138KMSR-02 ACS138MS ACS138D ACS138DMSR-02 ACS13 |
Radiation Hardened
3-to-8 Line Decoder/Demultiplexer(抗辐-8线译码器/多路信号分离 Radiation Hardened 3-to-8 Line Decoder/Demultiplexer 3 to 8 Line Decoder/Demultiplexer, Rad-Hard, Advanced Logic, CMOS Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
|
Intersil Corporation
|
HS9-OP470ARH-Q HS-OP470AR HS-OP470ARH 5962R9853301 |
16 AMP SPDT MINIATURE POWER RELAY Radiation Hardened, Very Low Noise
Quad Operational Amplifier(抗辐射低噪声四路运算放大 Radiation Hardened, Very Low Noise Quad Operational Amplifier Radiation Hardened/ Very Low Noise Quad Operational Amplifier
|
Intersil Corporation
|
IRUH33P253A1M |
HiRel Fixed 2.5V Output Voltage Ultra Low Dropout Linear Radiation Hardened Regulator in a 8-Lead Flat Pack Package
|
International Rectifier
|
ISL70001ASEH |
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
|
Intersil
|
FSYA254R4 FSYA254D FSYA254D1 FSYA254D3 FSYA254R FS |
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 21 A, 250 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 抗辐射,抗SEGR N沟道功率MOSFET Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|